Part Number Hot Search : 
74A250 AO442 RKC5BD 120N1 CXA1538S KS8993I 4FST3 AD809
Product Description
Full Text Search
 

To Download MDR2560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dielectric Resonator Oscillator
Specifications
(1)
Model MDR2560
4.5 to 16.0 GHz
Free Running, Mechanically Tuned, Moisture Sealed
:
4.5 - 16.0 GHz 1500 ppm 5 ppm/C 50 ppm 1 ppm/Volt -20 dBc -70 dBc +10 dBm 7 GHz -95 -125 -145 10 GHz -93 -122 -142 12 GHz -88 -117 -140 Frequency Range: Mechanical Tuning Bandwidth (min.) Stability (max.)(3) Pulling, 12 dB RL (max.) Pushing (max.) Harmonics (max.) Spurious (max.) Output Power (min.) (4) Phase Noise (typ.) 10 kHz Offset, dBc/Hz 100 kHz Offset, dBc/Hz 1 MHz Offset, dBc/Hz Input DC(5) Operating Temperature RF Connector DC Connector
(2)
Frequency (GHz) 4.5 to 7.5 7.5 to 11.0 11.0 to 16.0
Outline OD-33 OD-23 OD-13
16 GHz -82 -111 -135
+10 to +15 VDC @ 100 mA max. -40 to +85 C SMA Female Solder Pin
Notes: 1. Specifications labeled "min." or "max." are guaranteed in a 50 Ohm system over the specified temperature range. 2. Output frequency must be specified. 3. Averaged over the full temperature range. 4. Higher output power is available. 5. Input voltage is internally regulated. 6. Package must be verified by Spectrum Microwave.
OD-13
OD-23
OD-33
SP
All dimensions are in inches and [mm].
ECTRU
INC.
MICROWAVE
784
A Spectrum Control Business
www.specwave.com SPECTRUM CONTROL GmbH * Hansastrasse 6 * 91126 Schwabach, Germany * Phone: (49)-9122-795-0 * Fax: (49)-9122-795-58
M
SPECTRUM MICROWAVE * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * Phone: (888) 553-7531 * Fax: (888) 553-7532


▲Up To Search▲   

 
Price & Availability of MDR2560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X